PART |
Description |
Maker |
90147-1316 90147-1329 90147-1228 90147-1225 90147- |
C-Grid PCB Conn SR Vt Au-F 16Ckt 16 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 29Ckt 29 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 28Ckt 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471225 25 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 23Ckt 23 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 31Ckt 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 14Ckt 14 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 24Ckt 24 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 13Ckt 13 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 21Ckt 21 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 901471317 17 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Tn-A 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 7Ckt 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 18Ckt 18 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 8Ckt 8 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-F 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER C-Grid PCB Conn SR Vt Au-E 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
LFM20-9P LFM20-3.3P LFM20-5P LFM20-15 |
CONN,RF,SMA,901-9876-RFX-VP, PLUG,CRIMP,RG-58/U,50 OHM CONN,RF,SMA,901-143-6RFX-VP, JACK,RECEPTABLE,PCB,R/A,50 OHM CONN,SMA,FEMALE,PCB MOUNT, 19-46G-R,901-144-8RFX-VP-R TRANS,WALL,1.5,3,4.5,6,7.5,9, 12VDC/1000mA,(120/220VAC) CONN,RF,SMA,901-9877-RFX-VP, PLUG,CRIMP,RG-174/U,50 OHM CONN,RF,MMCX,908-43200-VP, PLUG,CRIMP,R/A,RG-178,50 OHM 20W Ultraminiature Open Frame Switching Power Supplies
|
Astrodyne, Inc.
|
70AAJ-2-F0 70AAJ-5-F1 70AAJ-3-F0 70AAJ-2-F1 70AAJ- |
CONN MOD 2 POS FEMALE SMD PCB CONNECTOR CONN MOD 5 POS FEMALE SMD PCB CONNECTOR Battery Holder; Body Material:Glass-Filled Thermoplastic; Contact Plating:Copper Alloy; For Use With:Handheld communications; Leaded Process Compatible:Yes; Terminal Type:PCB Surface Mount PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Standard Pins PCB CONNECTOR Modular Contacts 2.54mm 6Pin Female Locating Pins CONN MOD 4 POS FEMALE SMD Modular Contacts 2.54mm 4Pin Female Standard Pins
|
AVX, Corp. Bourns, Inc. BOURNS INC
|
MR18R1628EG0-CM8 MR16R1628EG0-CK8 MR16R162GEG0-CK8 |
From old datasheet system CONN HEADER 20POS DL PCB 30GOLD Key Timing Parameters 关键的定时参 CONN HEADER 18POS DL PCB 30GOLD 关键的定时参
|
Samsung Electronic SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd.
|
39355-0013 |
CONN HEADER 3.5MM 13POS R/A PCB
|
Molex
|
GRF1-J-P-04-E-ST-TH1-E GRF1-J-P-02-E-ST-TH1-E |
CONN MMCX JACK GANG 4POS PCB BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, JACK CONN MMCX JACK GANG 2POS PCB BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, JACK
|
Samtec, Inc.
|
SQT-105-01-L-S-RA SQT-150-01-L-S-RA |
5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 50POS SGL R/A PCB
|
SAMTEC INC
|
FM5822-AL FM5821-AL |
Chip Schottky Barrier Diodes - Silicon epitaxial planer type CONN HEADER .100 32POS TIN PCB
|
美丽微半导体有限公司
|
22-04-1071 22-04-1111 22-04-1131 22-05-1022 22-04- |
Header Connector,PCB Mnt,RECEPT,7 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 7 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 11POS 2.5MM VERT TIN 11 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504513A 13 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,2 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 2 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,6 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2.5MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM R/A TIN 14 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504517A 17 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER KK2.5MM FR.LOCK WAF. ASS 504520A 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 14POS 2.5MM VERT TIN 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Vertical Header; No. of Contacts:3; Pitch Spacing:0.098"; No. of Rows:1; Gender:Header; Series:5045; Body Material:6/6 Nylon; Current Rating:3A; Voltage Rating:250V KK2.5MM FL WAF.ASS. GOLD 504510AG Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.098 Pitch,PC TAIL Terminal,POLARIZED LCK CONN HEADER 11POS 2.5MM R/A TIN HEADER, SQ PIN 2.5MM 12WAY ; Ways, No. of:12; Pitch:2.5mm; Approval Bodies:UL, CSA; Colour:White; Current rating:2.5A; Diameter, PCB hole:1.02mm; Flammability rating:UL94V-0; Force, de-mating:0.57N; Housing type:Black Glass Filled
|
Molex, Inc. MOLEX INC
|
|